Part Number Hot Search : 
P6KE36A M54523 MIW1124 VRE304KD UNIFOX V16X31 AD771 TDA72
Product Description
Full Text Search
 

To Download OP471EY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Excellent Speed: 8 V/ s Typ Low Noise: 11 nV//Hz @ 1 kHz Max Unity-Gain Stable High Gain Bandwidth: 6.5 MHz Typ Low Input Offset Voltage: 0.8 mV Max Low Offset Voltage Drift: 4 V/ C Max High Gain: 500 V/mV Min Outstanding CMR: 105 dB Min Industry Standard Quad Pinouts GENERAL DESCRIPTION
High Speed, Low Noise Quad Operational Amplifier OP471
PIN CONFIGURATIONS 14-Lead Hermetic Dip (Y-Suffix)
OUT D -IN D +IN D V- +IN C -IN C OUT C
14-Lead Plastic Dip (P-Suffix)
OUT D -IN D +IN D V- +IN C -IN C OUT C
OUT A -IN A +IN A V+ +IN B -IN B OUT B
1 2 3 4 5 6 7
14 13 12
OUT A -IN A +IN A V+ +IN B -IN B OUT B
1 2 3 4 5 6 7
14 13 12
OP471
11 10 9 8
OP471
11 10 9 8
The OP471 is a monolithic quad op amp featuring low noise, 11 nV//Hz Max @ 1 kHz, excellent speed, 8 V/ms typical, a gain bandwidth of 6.5 MHz, and unity-gain stability. The OP471 has an input offset voltage under 0.8 mV and an input offset voltage drift below 4 mV/C, guaranteed over the full military temperature range. Open-loop gain of the OP471 is over 500,000 into a 10 kW load ensuring outstanding gain accuracy and linearity. The input bias current is under 25 nA limiting errors due to signal source resistance. The OP471's CMR of over 105 dB and PSRR of under 5.6 mV/V significantly reduce errors caused by ground noise and power supply fluctuations. The OP471 offers excellent amplifier matching which is important for applications such as multiple gain blocks, low-noise instrumentation amplifiers, quad buffers and low-noise active filters. The OP471 conforms to the industry standard 14-lead DIP pinout. It is pin-compatible with the LM148/LM149, HA4741, RM4156, MC33074, TL084 and TL074 quad op amps and can be used to upgrade systems using these devices. For applications requiring even lower voltage noise the OP470 with a voltage density of 5 nV//Hz Max @ 1 kHz is recommended.
16-Lead SOIC (S-Suffix)
OUT A 1 -IN A
2 16 15 14
OUT D -IN D +IN D V- +IN C -IN C OUT C NC
+IN A 3 V+ 4 +IN B 5 -IN B 6 OUT B 7 NC 8
OP471
13 12 11 10 9
NC = NO CONNECT
V+
BIAS
OUT -IN +IN
V-
Figure 1. Simplified Schematic
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002
OP471-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V =
S
15 V, TA = 25 C, unless otherwise noted.)
Min OP471E Typ Max 0.25 0.8 OP471F Min Typ Max 0.5 7 15 1.5 20 50 OP471G Min Typ Max 1.0 12 25 1.8 30 60 Unit mV nA nA nV p-p nV//Hz nV//Hz nV//Hz pA/Hz pA/Hz pA/Hz V/mV V/mV V V dB 17.8 mV/V V/ms 11 mA MHz dB pF MW GW
Parameter Input Offset Voltage Input Offset Current Input Bias Current Input Noise Voltage Input Noise Voltage Density2 Input Noise Current Density Large-Signal Voltage Gain Input Voltage Range3 Output Voltage Swing Common-Mode Rejection Power Supply Rejection Ratio Slew Rate Supply Current (All Amplifiers) Gain Bandwidth Product Channel Separation1 Input Capacitance Input Resistance Differential-Mode Input Resistance Common-Mode Settling Time
1
Symbol VOS IOS IB en p-p en
Conditions
VCM = 0 V VCM = 0 V 0.1 Hz to 10 Hz fO = 10 Hz fO = 100 Hz fO = 1 kHz fO = 10 Hz fO = 100 Hz fO = 1 kHz V = 10 V RL = 10 kW RL = 2 kW RL 2 kW VCM = 11 V VS = 4.5 V to 18 V 6.5 No Load Av = 10 VO = 20 V p-p fO = 10 Hz 125 500 350 11 12 105
4 7
10 25
250 500 9 7 6.5 1.7 0.7 0.4 700 550 12 13 120 1 8 9.2 6.5 150 2.6 1.1 11 11 5.6 6.5 16 12 11
250 500 9 7 6.5 1.7 0.7 0.4 300 500 175 275 11 12 12 13 95 115 5.6 8 9.2 6.5 125 150 2.6 1.1 11 11 17.8 6.5 16 12 11
250 500 9 7 6.5 1.7 07 0.4 300 500 175 275 11 12 12 13 95 115 5.6 8 9.2 6.5 125 150 2.6 1.1 11 16 12 11
in
AVO
IVR VO CMR PSRR SR ISY GBW CS CIN RIN RINCM tS AV = 1 To 0.1% To 0.01 %
4.5 7.5
4.5 7.5
4.5 7.5
ms ms
NOTES 1 Guaranteed but not 100% tested. 2 Sample tested. 3 Guaranteed by CMR test.
-2-
REV. A
OP471 ELECTRICAL CHARACTERISTICS unless otherwise noted.)
Parameter Input Offset Voltage Average Input Offset Voltage Drift Input Offset Current Input Bias Current Large-Signal Voltage Gain Input Voltage Range* Output Voltage Swing Common-Mode Rejection Power Supply Rejection Ratio Supply Current (All Amplifiers)
*Guaranteed by CMR test.
(Vs = 15 V, -25 C TA 85 C for OP471E/F, -40 C TA 85 for OP471G,
OP471E Typ Max 0.3 1 1.1 4 20 50 OP471F Min Typ Max 0.6 2 8 25 200 400 125 200 11 12 12 13 90 10 110 18 31.6 2.0 7 40 70 OP471G Min Typ Max 1.2 4 20 40 200 400 125 200 11 12 12 13 90 110 18 31.6 50 75 2.5
Symbol VOS TCVOS los IB Avo IVR VO CMR PSRR
Conditions
Min
Unit mV mV/C nA nA V/mV V V dB mV/V
VCM = 0 V VCM = 0 V VO = 10 V RL = 10 kW RL = 2 kW RL 2 kW VCM = 11 V VS = 4.5 V to 18 V 375 250 11 12 100
5 13 600 400 12 13 115 3.2
ISY
No Load
9.3
11
9.3
11
9.3
11
mA
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Differential Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . 1.0 V Differential Input Current2 . . . . . . . . . . . . . . . . . . . . 25 mW Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage Output Short-Circuit Duration . . . . . . . . . . . . . . . Continuous Storage Temperature Range P, Y-Package . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300C Junction Temperature (Ti) . . . . . . . . . . . . . -65C to +150C Operating Temperature Range OP471E, OP471F . . . . . . . . . . . . . . . . . . . -25C to +85C OP471G . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to +85C
NOTES 1 Absolute Maximum Ratings apply to packaged parts, unless otherwise noted. 2 The OP471's inputs are protected by back-to-back diodes. Current limiting resistors are not used in order to achieve low noise performance. If differential voltage exceeds 1.0 V, the input current should be limited to 25 mA.
ABSOLUTE MAXIMUM RATINGS 1
Package Type 14-Lead Hermetic DIP(Y) 14-Lead Plastic DIP(P) 16-Lead SOIC (S)
*
JA*
JC
Unit C/W C/W C/W
94 76 88
10 33 23
JA is specified for worst-case mounting conditions, i.e., JA is specified for device in socket for TO, CERDIP, PDIP packages; JA is specified for device soldered to printed circuit board for SO packages.
ORDERING GUIDE
TA = 25C VOS MAX (mV) 800 1,500 1,800 1,800
Package Options 14-Lead CERDIP Plastic OP471EY OP471FY* OP471GP OP471GS
Operating Temperature Range IND IND XIND XIND
*Not for new design. Obsolete April 2002.
For military processed devices, please refer to the standard microcircuit drawing (SMD) available at www.dscc.dla.mil/programs/milspec/default.asp 5962-88565022A - OP471ARCMDA 5962-88565023A - OP471ATCMDA 5962-8856502CA - OP471AYMDA
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the OP471 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. A
-3-
OP471-Typical Performance Characteristics
100 TA = 25 C VS = 15V
10 TA = 25 C
VOLTAGE NOISE - nV/ Hz
AT 10Hz
NOISE VOLTAGE - 100nV/DIV
100 90
5mV
1s
VOLTAGE NOISE - nV/ Hz
40 30 20 10 5 4 3 2
8 AT 1kHz 6
10 0%
I/F CORNER = 5Hz
4
TA = 25 C VS = 15V 2 4 6 TIME - Seconds 8 10
0
1 1 10 100 FREQUENCY - Hz 1k
2
0
5
10
15
20
SUPPLY VOLTAGE - V
TPC 1. Voltage Noise Density vs. Frequency
100 TA = 25 C VS = 15V
400
TPC 2. Voltage Noise Density vs. Supply Voltage
VS = 15V
TPC 3. 0.1 Hz to 10 Hz Noise
20
CHANGE IN OFFSET VOLTAGE - V
18 16 14 12 10 8 6 4 2 0 0
VOLTAGE NOISE - nV/ Hz
40 30 20 10 5 4 3 2 1 1 10 100 FREQUENCY - Hz 1k
INPUT OFFSET VOLTAGE - V
TA = 25 C VS = 15V
300
200
I/F CORNER = 5Hz
100
0 -75 -50
-25 0 25 50 75 TEMPERATURE - C
100
125
1
2 3 TIME - Minutes
4
5
TPC 4. Current Noise Density vs. Frequency
20 INPUT OFFSET CURRENT - nA VS = 15V VCM = 0V
TPC 5. Input Offset Voltage vs. Temperature
10 9 8 7 6 5 4 3 2 1 VS = 15V VCM = 0V INPUT BIAS CURRENT - nA 9 10
TPC 6. Warm-Up Offset Voltage Drift
TA = 25 C VS = 15V
INPUT BIAS CURRENT - nA
15
8
10
7
5
6
0 -75 -50
-25 0 25 50 75 TEMPERATURE - C
100
125
0 -75 -50
-25 0 25 50 75 TEMPERATURE - C
100 125
5 -12.5
-7.5
-2.5
2.5
7.5
12.5
COMMON-MODE VOLTAGE - V
TPC 7. Input Bias Current vs. Temperature
TPC 8. Input Offset Current vs. Temperature
TPC 9. Input Bias Current vs. Common-Mode Voltage
-4-
REV. A
OP471
130 120 110 100 90
CMR - dB
10 TOTAL SUPPLY CURRENT - mA TOTAL SUPPLY CURRENT - mA
TA = 25 C VS = 15V
10
TA = +25 C 8 TA = +125 C
9 8 7 6 5 4 3
VS =
15V
80 70 60 50 40 30 20 10 1 10 100 1k 10k FREQUENCY - Hz 100k 1M
TA = -55 C 6
4
2
0
5
10
15
20
2 -75 -50
-25
0
25
50
75
100 125
SUPPLY VOLTAGE - V
TEMPERATURE - C
TPC 10. CMR vs. Frequency
140 130 120 110 100
PSR - dB
TPC 11. Total Supply Current vs. Supply Voltage
140 130 120
OPEN-LOOP GAIN - dB
TPC 12. Total Supply Current vs. Temperature
80 TA = 25 C VS = 15V
TA = 25 C VS = 15V
TA = 25 C VS = 15V CLOSED-LOOP GAIN - dB 1 10 100 1k 10k 100k 1M 10M 100M
110 100 90 80 70 60 50 40 30 20 10 0 FREQUENCY - Hz
60
90 80 70 60 50 40 30 20 10 0 1 10 100 +PSR
40
-PSR
20
0
1k 10k 100k 1M 10M 100M FREQUENCY - Hz
-20 1k
10k
100k 1M FREQUENCY - Hz
10M
TPC 13. PSR vs. Frequency
TPC 14. Open-Loop Gain vs. Frequency
80
TPC 15. Closed-Loop Gain vs. Frequency
80 8 GBW
PHASE MARGIN - Degrees GAIN-BANDWIDTH PRODUCT - MHz
25 20
OPEN-LOOP GAIN - dB
2000 TA = 25 C RL = 10k
TA = 25 C VS = 15V PHASE
VS =
15V
100
OPEN-LOOP GAIN - V/mV
PHASE SHIFT - Degrees
15 10
120 140
1500
70
6
GAIN 5 0 -5
PHASE MARGIN = 57
1000
60
4
160 180 200
500
50
2
-10 1
220 2 3 4 5 6 7 8 9 10 FREQUENCY - MHz
0
0
5 10 15 SUPPLY VOLTAGE - V
20
40 -75 -50 -25
0 0 25 50 75 100 125 150 TEMPERATURE - C
TPC 16. Open-Loop Gain, Phase Shift vs. Frequency
TPC 17. Open-Loop Gain vs. Supply Voltage
TPC 18. Gain-Bandwidth Product, Phase Margin vs. Temperature
REV. A
-5-
OP471
28
PEAK-TO-PEAK AMPLITUDE - V 20
360
TA = 25 C VS = 15V POSITIVE SWING NEGATIVE SWING
24 20 16 12 8 4 0 1k
TA = 25 C VS = 15V THD = 1%
MAXIMUM OUTPUT - V
18 16 14 12 10 8 6 4 2
300
TA = 25 C VS = 15V
OUTPUT IMPEDANCE -
240 180 120 AV = 100 60 AV = 1 0 100
10k
100k 1M FREQUENCY - Hz
10M
0 100
1k LOAD RESISTANCE -
10k
1k
10k 100k 1M FREQUENCY - Hz
10M
100M
TPC 19. Maximum Output Swing vs. Frequency
9.0 8.5
SLEW RATE - V/ s
TPC 20. Maximum Output Voltage vs. Load Resistance
170 160 150 140 130 120 110 100 90 80 70 60 50 10 TA = 25 C VS = 15V VO = 20V p-p TO 100kHz 1
TPC 21. Closed-Loop Output Impedance vs. Frequency
TA = 25 C VS = 15V VO = 10V p-p RL = 2k 0.1
-SR 8.0 +SR 7.5 7.0
TOTAL HARMONIC DISTORTION - %
CHANNEL SEPARATION - dB
0.01 AV = 10 AV = 1 100 1k FREQUENCY - Hz 10k
6.5 6.0 0 25 50 75 -75 -50 -25 TEMPERATURE - C
100 125
100
1k 10k 100k FREQUENCY - Hz
1M
10M
0.001 10
TPC 22. Slew Rate vs. Temperature
TPC 23. Channel Separation vs. Frequency
TA = 25 C VS = 15V AV = 1
TPC 24. Total Harmonic Distortion vs. Frequency
100 90
TA = 25 C VS = 15V AV = 1
100 90
10 0%
10 0%
5V
5s
50mV
0.2s
TPC 25. Large-Signal Transient Response
TPC 26. Small-Signal Transient Response
-6-
REV. A
OP471
5k 500
100
TOTAL NOISE - nV/ Hz
1/4 OP471
V1 20V p-p
OP11 10 OP400 OP471
50k 50
1/4 OP471
V2
OP470 RESISTOR NOISE ONLY
CHANNEL SEPARATION = 20 LOG
V1 V2 / 1000
1 100
1k 10k RS - SOURCE RESISTANCE -
100k
Figure 2. Channel Separation Test Circuit
+18V 2 3 A 11 -18V 4 1 +1V 5 6 B 7
Figure 4. Total Noise vs. Source Resistance (Including Resistor Noise) at 1 kHz
100
+1V
TOTAL NOISE - nV/ Hz
OP11 OP400 10 OP471
9 10 C 8 -1V
13 12 D 14
-1V
OP470 RESISTOR NOISE ONLY 1 100
Figure 3. Burn-In Circuit
APPLICATIONS INFORMATION Voltage and Current Noise
1k 10k RS - SOURCE RESISTANCE -
100k
The OP471 is a very low-noise quad op amp, exhibiting a typical voltage noise of only 6.5 Hz @ 1 kHz. The low noise characteristic of the OP471 is, in part, achieved by operating the input transistors at high collector currents since the voltage noise is inversely proportional to the square root of the collector current. Current noise, however, is directly proportional to the square root of the collector current. As a result, the outstanding voltage noise performance of the OP471 is gained at the expense of current noise performance which is typical for low noise amplifiers. To obtain the best noise performance in a circuit, it is vital to understand the relationship between voltage noise (en), current noise (in), and resistor noise (et).
Total Noise and Source Resistance
Figure 5. Total Noise vs. Source Resistance (Including Resistor Noise) at 10 Hz
Figure 4 shows the relationship between total noise at 1 kHz and source resistance. For RS < 1 kW the total noise is dominated by the voltage noise of the OP471. As RS rises above 1 kW, total noise increases and is dominated by resistor noise rather than by voltage or current noise of the OP471. When RS exceeds 20 kW, current noise of the OP471 becomes the major contributor to total noise. Figure 5 also shows the relationship between total noise and source resistance, but at 10 Hz. Total noise increases more quickly than shown in Figure 4 because current noise is inversely proportional to the square root of frequency. In Figure 5, current noise of the OP471 dominates the total noise when RS > 5 kW. From Figures 4 and 5, it can be seen that to reduce total noise, source resistance must be kept to a minimum. In applications with a high source resistance, the OP400, with lower current noise than the OP471, will provide lower total noise.
The total noise of an op amp can be calculated by:
En =
(e n ) + (inR S ) + (et )
2 2
2
where: En = total input referred noise en = op amp voltage noise in = op amp current noise et = source resistance thermal noise RS = source resistance The total noise is referred to the input and at the output would be amplified by the circuit gain. REV. A
-7-
OP471
1000 OP11
For reference, typical source resistances of some signal sources are listed in Table I.
TABLE I.
OP400 PEAK-TO-PEAK NOISE - nV
OP471 100 OP470 RESISTOR NOISE ONLY
Device Strain gauge Magnetic tapehead
Source Impedance < 500 W < 1,500 W
Comments Typically used in low-frequency applications. Low IB very important to reduce self-magnetization problems when direct coupling is used. OP471 IB can be neglected. Similar need for low IB in direct coupled applications. OP471 will not introduce any self -magnetization problem. Used in rugged servo-feedback applications. Bandwidth of interest is 400 Hz to 5 kHz.
10 100
1k 10k RS - SOURCE RESISTANCE -
100k
Figure 6. Peak-to-Peak Noise (0.1 Hz to 10 Hz) vs. Source Resistance (Includes Resistor Noise)
Magnetic phonograph cartridges
< 1,500 W
Figure 6 shows peak-to-peak noise versus source resistance over the 0.1 Hz to 10 Hz range. Once again, at low values of RS, the voltage noise of the OP471 is the major contributor to peak-to-peak noise. Current noise becomes the major contributor as RS increases. The crossover point between the OP471 and the OP400 for peak-to-peak noise is at RS = 17 W. The OP470 is a lower noise version of the OP471, with a typical noise voltage density of 3.2 nV//Hz @ 1 kHz. The OP470 offers lower offset voltage and higher gain than the OP471, but is a slower speed device, with a slew rate of 2 V/ms compared to a slew rate of 8 V/ms for the OP471.
Linear variable < 1,500 W differential transformer
*For further information regarding noise calculations, see "Minimization of Noise in Op Amp Applications," Application Note AN-15.
R3 1.24k R1 5 R2 5
OP471 DUT OP27E
R5 909 R4 200
C1 2F C4 0.22 F R10 65.4k R11 65.4k C3 0.22 F R14 4.99k
R6 600k
D1 1N4148
D2 OP15E 1N4148 R9 306k R8 10k
OP15E
R13 5.9k
eOUT C5 1F
C2 0.032 F
R12 10k GAIN = 50,000 VS = 15V
Figure 7. Peak-to-Peak Voltage Noise Test Circuit (0.1 Hz to 10 Hz)
-8-
REV. A
OP471
Noise Measurements - Peak-to-Peak Voltage Noise
100
The circuit of Figure 7 is a test setup for measuring peak-to-peak voltage noise. To measure the 500 nV peak-to-peak noise specification of the OP471 in the 0.1 Hz to 10 Hz range, the following precautions must be observed: 1. The device must be warmed up for at least five minutes. As shown in the warm-up drift curve, the offset voltage typically changes 13 mV due to increasing chip temperature after power-up. In the 10-second measurement interval, these temperature-induced effects can exceed tens-of-nanovolts. 2. For similar reasons, the device must be well-shielded from air currents. Shielding also minimizes thermocouple effects. 3. Sudden motion in the vicinity of the device can also "feedthrough" to increase the observed noise. 4. The test time to measure 0.1 Hz to 10 Hz noise should not exceed 10 seconds. As shown in the noise-tester frequency-response curve of Figure 8, the 0.1 Hz corner is defined by only one pole. The test time of 10 seconds acts as an additional pole to eliminate noise contribution from the frequency band below 0.1 Hz. 5. A noise voltage density test is recommended when measuring noise on a large number of units. A 10 Hz noise voltage density measurement will correlate well with a 0.1 Hz to 10 Hz peak-to-peak noise reading, since both results are determined by the white noise and the location of the 1/f corner frequency. 6. Power should be supplied to the test circuit by well bypassed, low noise supplies, e.g, batteries. These will minimize output noise introduced through the amplifier supply pins.
GAIN - dB
80
60
40
20
0 0.01
0.1
1 FREQUENCY - Hz
10
100
Figure 8. 0.1 Hz to 10 Hz Peak-to-Peak Voltage Noise Test Circuit Frequency Response
Noise Measurement - Noise Voltage Density
The circuit of Figure 9 shows a quick and reliable method of measuring the noise voltage density of quad op amps. Each individual amplifier is series connected and is in unity-gain, save the final amplifier which is in a noninverting gain of 101. Since the ac noise voltages of each amplifier are uncorrelated, they add in rms fashion to yield:
e OUT = 101 E e nA 2 + e nB 2 + e nC 2 + e nD 2 E
The OP471 is a monolithic device with four identical amplifiers. The noise voltage density of each individual amplifier will match, giving:
e OUT = 101 E 4e n 2 = 101 (2e n ) E
R1 100
R2 10k
1/4 OP471
1/4 OP471
1/4 OP471
1/4 OP471
eOUT TO SPECTRUM ANALYZER
eOUT (nV Hz) = 101(2en) VS = 15V
Figure 9. Noise Voltage Density Test Circuit
REV. A
-9-
OP471
Noise Measurement - Current Noise Density
The test circuit shown in Figure 10 can be used to measure current noise density. The formula relating the voltage output to current noise density is: E e nOUT A - 40nV / Hz EG RS
2
in = where:
(
)
2
adds phase shift in the feedback network and reduces stability. A simple circuit to eliminate this effect is shown in Figure 11. The added components, C1 and R3, decouple the amplifier from the load capacitance and provide additional stability. The values of C1 and R3 shown in Figure 11 are for load capacitances of up to 1,000 pF when used with the OP471. In applications where the OP471's inverting or noninverting inputs are driven by a low source impedance (under 100 W) or connected to ground, if V+ is applied before V-, or when V- is disconnected, excessive parasitic currents will flow. Most applications use dual tracking supplies and with the device supply pins properly bypassed, power-up will not present a problem. A source resistance of at least 100 W in series with all inputs (Figure 11) will limit the parasitic currents to a safe level if V- is disconnected. It should be noted that any source resistance, even 100 W, adds noise to the circuit. Where noise is required to be kept at a minimum, a germanium or Schottky diode can be used to clamp the V- pin and eliminate the parasitic current flow instead of using series limiting resistors. For most applications, only one diode clamp is required per board or system.
Rf
G = gain of 10,000 RS = 100 kW source resistance
Capacative Load Driving and Power Supply Considerations
The OP471 is unity-gain stable and is capable of driving large capacitive loads without oscillating. Nonetheless, good supply bypassing is highly recommended. Proper supply bypassing reduces problems caused by supply line noise and improves the capacitive load driving capability of the OP471.
R3 1.24k R1 5 R2 100k
OP471 DUT OP27E
R5 8.06k R4 200 en OUT TO SPECTRUM ANALYZER
OP471
8V/ s
GAIN = 10,000 VS = 15V
Figure 12. Pulsed Operation
Figure 10. Current Noise Density Test Circuit
V+ C2 10 F + C3 0.1 F
When Rf 100 W and the input is driven with a fast, large signal pulse (>1 V), the output waveform will look as shown in Figure 12. During the fast feedthrough-like portion of the output, the input protection diodes effectively short the output to the input, and a current, limited only by the output short-circuit protection, will be drawn by the signal generator. With Rf 500 W, the output is capable of handling the current requirements (IL 20 mA at 10 V); the amplifier will stay in its active mode and a smooth transition will occur.
Unity-Gain Buffer Applications
R2 R1 C1 200pF
VIN
OP471
100 *
R3 50 C4 10 F +
VOUT CL 1000pF
*
C5 0.1 F
When Rf > 3 kW, a pole created by Rf and the amplifier's input capacitance (2.6 pF) creates additional phase shift and reduces phase margin. A small capacitor (20 pF to 50 pF) in parallel with Rf helps eliminate this problem.
APPLICATIONS Low Noise Amplifier
*SEE TEXT
V- PLACE SUPPLY DECOUPLING CAPACITORS AT OP471
Figure 11. Driving Large Capacitive Loads
In the standard feedback amplifier, the op amp's output resistance combines with the load capacitance to form a lowpass filter that
A simple method of reducing amplifier noise by paralleling amplifiers is shown in Figure 13. Amplifier noise, depicted in Figure 14, is around 5 nV//Hz @ 1 kHz (R.T.I.). Gain for each paralleled amplifier and the entire circuit is 100. The 200 W resistors limit circulating currents and provide an effective output resistance of 50 W. The amplifier is stable with a 10 nF capacitive load and can supply up to 30 mA of output drive.
-10-
REV. A
OP471
High-Speed Differential Line Driver
NOISE DENSITY - 0.58nV/ Hz/DIV REFERRED TO INPUT
The circuit of Figure 15 is a unique line driver widely used in professional audio applications. With 18 V supplies, the line driver can deliver a differential signal of 30 V p-p into a 1.5 kW load. The output of the differential line driver looks exactly like a transformer. Either output can be shorted to ground without changing the circuit gain of 5, so the amplifier can easily be set for inverting, noninverting, or differential operation. The line driver can drive unbalanced loads, like a true transformer.
+15V VIN R1 50 R3 200
100 90
10 0%
1/4 OP471E
R2 5k
Figure 14. Noise Density of Low-Noise Amplifier, G = 100
-15V
R4 10k
R4 50
1/4 OP471E
R5 5k
R6 200
1/4 OP471
VOUT = 100VIN R9 200
R2 2k IN R1 10k R7 2k R6 2k R9 10k R8 10k
R11 50
-OUT
R14 1k R13 10k R12 1k R10 50
R7 50
1/4 OP471E
R8 5k
1/4 OP471
R10 50
1/4 OP471E
R11 5k
R12 200
R3 2k
1/4 OP471
R5 10k
+OUT
Figure 13. Low-Noise Amplifier
High-Output Amplifier
Figure 15. High-Speed Differential Line Driver
The amplifier shown in Figure 16 is capable of driving 20 V p-p into a floating 400 W load. Design of the amplifier is based on a bridge configuration. A1 amplifies the input signal and drives the load with the help of A2. Amplifier A3 is a unity-gain inverter which drives the load with help from A4. Gain of the high output amplifier with the component values shown is 10, but can easily be changed by varying R1 or R2.
+15V R5 5k C2 0.1 F R2 9k R1 1k R6 5k
C1 10 F +
1/4 OP471E A1
VIN C3 0.1 F C4 10 F +
R3 50
R7 50
1/4 OP471E A3
1/4 OP471E A2
R4 50
RL
R8 50
1/4 OP471E A4
-15V
Figure 16. High-Output Amplifier
REV. A
-11-
OP471
Quad Programmable Gain Amplifier
The combination of the quad OP471 and the DAC8408, a quad 8-bit CMOS DAC, creates a space-saving quad programmable gain amplifier. The digital code present at the DAC, which is easily set by a microprocessor, determines the ratio between the fixed DAC feedback resistor and the impedance the DAC ladder presents to the op amp feedback loop. Gain of each amplifier is:
where n equals the decimal equivalent of the 8-bit digital code present at the DAC. If the digital code present at the DAC consists of all zeros, the feedback loop will be open causing the op amp output to saturate. The 20 MW resistors placed in parallel with the DAC feedback loop eliminates this problem with a very small reduction in gain accuracy.
VOUT 256 =- VIN n
DAC-8408ET VINA RFBA
VDD
VREF A R1 20M +15V
IOUT1A DAC A IOUT2A/2B RFBB VREFB
1/4 OP470E
VOUTA
-15V
VINB
DAC B
IOUT1B
R2 20M
1/4 OP470E
RFBC VREF C R3 20M
VOUTB
VINC
IOUT1C DAC C
1/4 OP470E
IOUT2C/2D
VOUTC
VIND
RFBD VREF D R4 20M
DAC D
IOUT1D
DAC DATA BUS PINS 9 (LSB) - 16 (MSB) DGND
1/4 OP470E
VOUTD
Figure 17. Quad Programmable Gain Amplifier
-12-
REV. A
OP471
Low Phase Error Amplifier
R2 R2 K1 R2 = R1
The simple amplifier depicted in Figure 18 utilizes monolithic matched operational amplifiers and a few resistors to substantially reduce phase error compared to conventional amplifier designs. At a given gain, the frequency range for a specified phase accuracy is over a decade greater than for a standard single op amp amplifier. The low phase error amplifier performs second-order frequency compensation through the response of op amp A2 in the feedback loop of A1. Both op amps must be extremely well matched in frequency response. At low frequencies, the A1 feedback loop forces V2/(K1 + 1) = VIN. The A2 feedback loop forces Vo/(K1 +1) = V2/(K1 + 1) yielding an overall transfer function of VO/VIN = K1 + 1. The dc gain is determined by the resistor divider at the output, VO, and is not directly affected by the resistor divider around A2. Note that similar to a conventional single op amp amplifier, the dc gain is set by resistor ratios only. Minimum gain for the low phase error amplifier is 10. Figure 19 compares the phase error performance of the low phase error amplifier with a conventional single op amp amplifier and a cascaded two-stage amplifier. The low phase error amplifier shows a much lower phase error, particularly for frequencies where / T < 0.1. For example, phase error of -0.1 occurs at 0.002 / T for the single op amp amplifier, but at 0.11 / T for the low phase error amplifier. For more detailed information on the low phase error amplifier, see Application Note AN-107.
1/4 OP471E A2
V2
VIN
1/4 OP471E A1
R1
R1 K1
VO VO = (K1 + 1) V IN ASSUME: A1 AND A2 ARE MATCHED. AO (s) = sT
Figure 18. Low Phase Error Amplifier
0 -1
PHASE SHIFT - Degrees
-2 -3 -4
SINGLE OP AMP (CONVENTIONAL DESIGN) CASCADED (TWO STAGES)
-5 -6 -7 0.001 LOW-PHASE ERROR AMPLIFIER
0.005 0.01 0.05 0.1 FREQUENCY RATIO - 1/ , / T
0.5
1
Figure 19. Phase Error Comparison
REV. A
-13-
OP471
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Lead PDIP Package (N-14)
0.795 (20.19) 0.725 (18.42)
14 1 8 7
0.280 (7.11) 0.240 (6.10) 0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93) 0.015 (0.381) 0.008 (0.204)
PIN 1
0.100 (2.54) BSC
0.210 (5.33) MAX 0.130 (3.30) 0.160 (4.06) MIN 0.115 (2.93) 0.022 (0.558) 0.070 (1.77) SEATING PLANE 0.014 (0.356) 0.045 (1.15)
0.060 (1.52) 0.015 (0.38)
14-Lead CERDIP Package (Q-14)
0.005 (0.13) MIN 0.098 (2.49) MAX
14 8 7
PIN 1
1
0.310 (7.87) 0.220 (5.59) 0.320 (8.13) 0.290 (7.37) 0.060 (1.52) 0.015 (0.38)
0.100 (2.54) BSC 0.785 (19.94) MAX 0.200 (5.08) MAX 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36)
0.150 (3.81) MIN 0.070 (1.78) SEATING PLANE 0.030 (0.76)
15 0
0.015 (0.38) 0.008 (0.20)
16-Lead SOIC Package (R-16)
0.4133 (10.50) 0.3977 (10.00)
16 9
0.2992 (7.60) 0.2914 (7.40)
1 8
0.4193 (10.65) 0.3937 (10.00)
PIN 1
0.050 (1.27) BSC
0.1043 (2.65) 0.0926 (2.35)
0.0291 (0.74) 0.0098 (0.25)
45
0.0118 (0.30) 0.0040 (0.10)
8 0.0192 (0.49) SEATING 0 0.0125 (0.32) 0.0138 (0.35) PLANE 0.0091 (0.23)
0.0500 (1.27) 0.0157 (0.40)
-14-
REV. A
OP471 Revision History
Location Data Sheet changed from REV. 0 to REV. A. Page
Edits to FEATURES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Edits to ELECTRICAL CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Edits to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Edits to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Deleted DICE CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Deleted WAFER TEST CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
REV. A
-15-
-16-
C00307-0-4/02(A)
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of OP471EY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X